Part Number Hot Search : 
L200CV EMZA350A OPR5013 MPS6507 TP200 C4137 300N0 25A00
Product Description
Full Text Search
 

To Download 2SA608N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2SA608N
FEATURES Power dissipation PCM : 0.5 W (Tamb=25)
2. COLLECTOR
TRANSISTOR (PNP) TO-92
1. EMITTER
Collector current : -0.15 A ICM Collector-base voltage V V(BR)CBO : -60 Operating and storage junction temperature range TJ, Tstg: -55 to +150
3. BASE
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance VCE(sat) VBE(sat)
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=-10A, IE=0 Ic=-1mA, IB=0 IE=-10A, IC=0 VCB=-40V, IE=0 VEB=-5V, IC=0 VCE=-6V, IC=-1mA VCE=-6V, IC=-0.1mA IC=-100mA, IB=-10mA IC=-100mA, IB=-10mA VCE=-6V, IC=-10mA VCB=-6V, IE=0, f=1MHz
-60 -50 -6 -0.1 -0.1 160 70 -0.3 -1 200 3 560
A A
V V MHz pF
fT
Cob
CLASSIFICATION OF hFE(1) Rank Range Marking F 160-320 G 280-560


▲Up To Search▲   

 
Price & Availability of 2SA608N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X